Part Number Hot Search : 
1100T LH2108A 3D6701 F1001 ER300 40FD0 2587P908 D5N50
Product Description
Full Text Search
 

To Download 856664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number 856664 836.5 mhz saw filter features ? for cdma a pplication s ? usable ban dwidth 25 mhz ? single-ende d operation ? ceramic chip scale package (csp) ? hermetic ? rohs comp liant (2002/9 5 /ec), pb-free ? packag e pin configuration surface mount 1.40 x 1.20 x 0.46 mm bottom vie w 5 2 4 3 1 pin no. description 1 i n p u t 4 o u t p u t 3 g r o u n d 2 , 5 c a s e g r o u n d 0.46 nom. 0.5 0 max. 0. 325 1. 20 0.2 5 0.5 0 1.2 5 1. 40 0. 2 5 0. 9 0 dimens io ns sh o w n ar e nomi n al in mil limet ers all toler ances are 0.10mm body : al 2 o 3 ceramic lid: kovar or a lloy 4 2 , au ove r ni plate d t e rminations: au plati ng 0.5 - 1.0 m, over a 2 - 6 m ni plati n g pb re v - ? 1 1 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 1 of 5
data sheet part number 856664 836.5 mhz saw filter electrical specifications (1) operating temperature range: (2) -30 to +85 o c parameter (3) minimum t y pical maximum unit center fre quenc y - 8 3 6 . 5 - m h z maximum insertion loss 824 - 849 mhz - 2.3 3.0 db absolute attenuation 10 - 800 mhz 869 - 894 mhz 1574.42 - 1576.42 mhz 1638 - 1708 mhz 1930 - 1990 mhz 2110 - 2170 mhz 2462 - 2557 mhz 3286 - 3406 mhz 30 40 28 27 25 24 20 18 45 50 39 38 35 34 32 29 - - - - - - - - db db db db db db db db amplitude variation 824 - 849 mhz - 1.0 2.0 db input/output return l oss 824 - 849 mhz 8.5 10.6 - - optimal so urce impedance (4) - 5 0 - ? - 5 0 - ? 1. all spec ificatio ns are bas ed o n the test circui t sho w n be lo w 2. in producti on, devic es w i l l be tested at room temperatur e to a guar db and ed specific ati on to ensur e el ectrical com p li anc e ove r temperatur e 3. electrical m a rg in has b e e n bui lt into the des ig n to accou n t for the variatio ns due to temper ature drift an d manufactur i ng to lera nces 4. t h is is the optimum impe dan ce in ord e r to a c hiev e the perf o rmanc e sho w n test circuit: 50 ? sing le-e nd ed input 2,3,5 1 4 50 50 ? ? no imp eda nce matchin g requ ired re v - ? 1 1 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 2 of 5
data sheet part number 856664 836.5 mhz saw filter re v - ? 1 1 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 3 of 5 typical performance (at +25 o c)
data sheet part number 856664 836.5 mhz saw filter matching schematics 50 ? sing le-e nd ed input 2,3,5 1 4 50 50 ? ? no imp eda nce matchin g requ ired marking pcb footprint ma rki n g co de mfg site at m wwy id do t da te cod e 0.15 1.35 0.15 1.0 0 0.425 0. 3 5 t he date code consists of: w w = 2 digit w e ek, y = last digit of y e ar, m = man u facturin g site code t h is footprint repres ent s a re commen datio n onl y dimens io ns sh o w n ar e nomi n al in mil limet ers tape and reel 1. 7 5 3. 5 8. 0 a a 2.0 4. 0 4. 0 ?1 .0 ?1 . 5 1.7 3 0.9 1 0.3 section a-a 1. 47 8.8 id d o t 2.0 di rection of tra v el ? 330 ?2 0. 2 ? 13.0 ?1 02 2.7 dimens io ns sh o w n ar e nomi n al in mil limet ers packag i ng qua ntit y : 10 00 0 uni ts/reel re v - ? 1 1 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 4 of 5
data sheet part number 856664 836.5 mhz saw filter maximum ratings parameter sy m bol minimum maximum unit operating temperature range t -30 +85 o c storage temperature range t stg - 4 0 + 8 5 o c important note s warnings ? electrostatic sensitive device (esd) ? avoid ultrasonic exposu r e rohs co mpliance ? this product complies with eu directive 2002/95/ec (rohs) solderability ? compatible with jedec j-std-020c pb -free process, 260 c peak reflo w temperatu r e ( see solde r ing p r ofile ) links to additional technical information pcb layout tips qualification flowcha r t sold ering profile s-parameters rohs information other te ch nical information triq uint?s liability is lim ited only t o the surface acou stic wave (saw) component(s) d e scribed in this d a ta sheet. triq ui nt do es not accept any liability fo r a pp lications, p r o cesses, cir c ui ts or assemblies, w h ich ar e im p lemented usin g an y t r iquint com p o nent described in this data sheet. contact information po box 6095 01 orlan do, fl 3 2860 -95 01 usa phone: +1 (4 07) 88 6-886 0 fax: +1 (40 7 ) 886-7 061 email: info-produc t @ t qs .c om web: www.triquint.c om or conta c t on e of our wo rld w ide network of sales offices , rep r e s entati v es or di strib u tors pb re v - ? 1 1 - 0 6 triqui n t se mic ondu c t or, inc . pa ge 5 of 5


▲Up To Search▲   

 
Price & Availability of 856664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X